PART |
Description |
Maker |
SD530YS SD550YS SD580YS SD5100YS SD520YS SD540YS S |
(SD520YS - SD5100YS) SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere) 表面贴装肖特基(电压20100伏特,电 5安培
|
PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
SDMG0340LA SDMG0340LA-7 SDMG0340L SDMG0340L-7 SDMG |
SURFACE MOUNT SCHOTTKY BARRIER DIODE DIR-COUPLER 18.5DB 1805-1880MHZ THIN-FILM SMD-0402 LGA-SN90/PB10 T&R SURFACE MOUNT SCHOTTKY BARRIER DIODE 0.03 A, 40 V, SILICON, SIGNAL DIODE
|
DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc.
|
SS510 SS58 SS55 SS53 SS54 SS52C SS5200 SS56 |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Low reverse leakage
|
Chendahang Electronics Co., Ltd Chendahang Electronics ...
|
SCD32L SCD34L |
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER 表面贴装低VF肖特基整 (SCD32L / SCD34L) Surface Mount Low VF Schottky Barrier Rectifier
|
ZOWIE[Zowie Technology Corporation]
|
DFLS220L08 DFLS220L-15 |
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI?123
|
Diodes Incorporated
|
BAS70-04T-7-F BAS70T-7-F BAS70-06T-7-F BAS70-05T D |
SURFACE MOUNT SCHOTTKY BARRIER DIODE 表面贴装肖特基势垒二极管 SURFACE MOUNT SCHOTTKY BARRIER DIODE 0.07 A, 70 V, SILICON, SIGNAL DIODE
|
Diodes Inc. Diodes, Inc.
|
SPJ-63S SPB-G56S MPE-24H SPB-64S SPB-G34 SPB-G34S |
Schottky Barrier Diodes (Power Surface Mount) 30V / 40V / 60V Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 6 A, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 肖特基二极管(电源表面贴装)30V的,40V的,60V Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 5 A, 40 V, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 3 A, 40 V, SILICON, RECTIFIER DIODE
|
http:// Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
SK28-T1 SK28-T3 S210-T1 SK22 S210-T3 SK22-T1 SK22- |
128 x 128 pixel format, LED or EL Backlight available 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 2.0安培表面贴装肖特基整 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
MBR0520LT1G MBR0520LT3 MBR0520LT3G MBR0520LT1 |
Surface Mount Schottky Barrier Power Rectifier(0.5A,20V表贴型肖特基势垒功率整流 Surface Mount Schottky Power Rectifier Plastic SOD−123 Package
|
ONSEMI[ON Semiconductor]
|
SFPB-76 SFPB-56 SFPB-59 SFPB-66 SFPB-69 |
Schottky Barrier Diodes (Surface Mount) 60V, 90V 2 A, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Surface Mount) 60V, 90V 1.5 A, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Surface Mount) 60V, 90V 0.7 A, SILICON, SIGNAL DIODE Schottky Barrier Diodes (Surface Mount) 60V / 90V
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
SB22-A SB23-A SB24-A SB25-A SB26-A |
Schottky Pack: SMA SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
|
Gulf Semiconductor
|